PART |
Description |
Maker |
IRFR3710Z IRFU3710Z |
100V Single N-Channel Automotive HEXFET Power MOSFET in a I-Pak package AUTOMOTIVE MOSFET Specifically designed for Automotive applications, this HEXFET Power MOSFET utilizes the latest processing techniques to achieve extremely low on-resi
|
IRF[International Rectifier]
|
DST1040S-A |
Littelfuse DST series Ultra Low VF Schottky Barrier
|
Littelfuse
|
TC51 TC51N1802ECBTR TC51N5002ECBTR TC51N2702ECBTR |
1A Voltage Detector with Output Delay 1UA Voltage Detector with Output Delay The TC51 is a very low power, open drain output, CMOS voltage detector with built-in delay. It is particularly well-suited for battery powered applications because of its ex-tremely low 1 µA operating current and small surface-mount p 1ヌA VOLTAGE DETECTOR WITH OUTPUT DELAY 1レA Voltage Detector with Output Delay 1μA Voltage Detector with Output Delay FLUORESCENT STARTER TO 65WFLUORESCENT STARTER TO 65W; Diameter, External:21.5mm; Length / Height, external:40.3mm; Material:Polycarbonate; Voltage, supply AC:220V
|
MICROCHIP[Microchip Technology] Microchip Technology Inc.
|
STR712-SK STR712-SKIAR STR730-SK STR730-SKIAR STR7 |
IAR’s complete, low cost starter kits for STR7 and STR9 IARs complete, low cost starter kits for STR7 and STR9 IAR的完整,低成本的STR7STR9入门套件 IAR?? complete, low cost starter kits for STR7 and STR9
|
意法半导 STMicroelectronics N.V.
|
ATSTK94 |
Starter Kit
|
ATMEL[ATMEL Corporation]
|
09130645LXN 09130644LXN 09130645Z |
Starter Terminals
|
Littelfuse, Inc.
|
3VU1300 3VU1600 |
Motor Starter Protectors
|
Siemens
|
SAK-XC161CJ-16FF B158-H8048-X-X-7600 SK-XC161 |
SK-XC161 Starter Kit
|
Infineon Technologies AG
|
155/500 |
FLUORESCENT STARTER TO 65W 65瓦日光灯起动
|
General Electric Company
|
ST626XB |
STARTER KIT FOR ST625x and ST626x MCUs
|
STMicro
|
STR91X-KEI STR91X-SK STR7XX-SK STR7XX-KEIL |
Keil starter kits for STR7 and STR9
|
STMICROELECTRONICS[STMicroelectronics]
|
STK300 |
megaAVR Starter Kit User Manual
|
Atmel
|